Part Number Hot Search : 
1N5554US M1FJ4 FQA40N25 34735 W1T1G LC1126 EC100 SE5230D
Product Description
Full Text Search
 

To Download SB1660C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. SB1620C THRU SB1660C
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 60V CURRENT: 16A
FEATURES
* Epitaxial construction for chip * High current capability * Low forward voltage drop * Low power loss, high efficiency * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
TO-220
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Common cathode,Suffix"A"Common anode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
SYMBOL
VRRM Maximum Repetitive Peak Reverse Voltage VRMS Maximum RMS Voltage VDC Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) (TC=95oC) Peak Forward Surge Current (8.3ms single IFSM half sine-wave superimposed on rated load) VF Maximum Forward Voltage (at 8.0A DC) o Maximum DC Reverse Current Ta=25 C IR (at rated DC blocking voltage) Ta=100oC CJ Typical Junction Capacitance (Note 1) R(ja) Typical Thermal Resistance (Note 2) TJ Operating Junction Temperature TSTG Storage Temperature Note: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2.Thermal resistance from junction to case 3. Suffix "A" common anode
SB SB SB SB SB SB UNITS 1620C 1630C 1635C 1640C 1650C 1660C 20 30 35 40 50 60 V 14 21 25 28 35 42 V 20 30 35 40 50 60 V
16 150 0.65 5.0 50.0 700 3 -65 to +125 -65 to +150 -65 to +150 500
o
A A 0.75 V mA mA pF C/W o C o C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of SB1660C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X